PART |
Description |
Maker |
SY89535LHZ SY89535LHZTR SY89534LHZTR |
3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
|
Micrel Semiconductor http://
|
824-IF70.0M-WA-14 |
70 MHz IF SAW Filter 0.33MHz Bandwidth
|
Oscilent Corporation
|
AB-2061G-33 |
33Mhz PCI to Local Bus Interface
|
N.A.
|
QL5232-33APQ208C QL5232-33APQ208I QL5232-33APQ208M |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
PCI6156-DA33PC PCI6156 |
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
|
PLX Technology
|
PA22-040K P22-040K P22-040K2 P23-020 P23-020K PA23 |
MCU CMOS 40 LD 33MHZ 2K EPRM, 0C to 70C, 40-CERDIP 600mil, TUBE MCU CMOS 44 LD 16MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY MCU CMOS 44 LD 16MHZ 8K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY MCU CMOS 44 LD 25MHZ 8K EPRM, 0C to 70C, 44-MQFP, TRAY 14 pin PIC w/flash, comp, midrange core, 1K words flash & 128 bytes of EEPROM, -40C to 125C, 14-TSSOP, T/R MCU CMOS 40 LD 16MHZ 2K EPRM, -40C to 85C, 40-PDIP, TUBE MCU CMOS 44 LD 33MHZ 8K EPRM, -40C to 85C, 44-MQFP, TRAY FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 28-QFN, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 18-SOIC 300mil, T/R 16-pin, 1.75KB, Flash, 72B RAM, 2x Comparator, 8HMz internal osc,Hi Volt Support, -40C to 85C, 14-TSSOP, TUBE 14 PIN, 4KB FLASH, 128 RAM, 12 I/O, -40C to 125C, 14-PDIP, TUBE MCU CMOS 44LD 25MHz 8K EPRM, 0C to 70C, 44-TQFP, T/R MCU CMOS 44 LD LOW PWR, 0C to 70C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, -40C to 85C, 44-PLCC, TUBE MCU CMOS 44 LD 25MHZ 2K EPRM, 0C to 70C, 44-MQFP, TRAY 模拟IC Analog IC 模拟IC
|
Golledge Electronics, Ltd. Electronic Theatre Controls, Inc.
|
AT89S52-33JU AT89S52-33AU AT89S52-33PU |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash 33MHZ, PLCC, IND TEMP, GREEN, 4V-5.5V(MCU 5X) 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
ATMEL Corporation Atmel, Corp.
|
TL431 TL431ACDG TL431ACDM TL431ACDMR2 TL431ACDR2 T |
Adjustable precision shunt regulators PROGRAMMABLE PRECISION REFERENCES 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.495 V, PDSO8
|
Philips ONSEMI[ON Semiconductor]
|
|