PART |
Description |
Maker |
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
NCV8506D2T33G |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCV8503PWADJR2G NCV8503PWADJG NCV8503_07 NCV8503 N |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
|
ONSEMI[ON Semiconductor]
|
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
AAT3238IGU-1.6-T1 AAT3238IGU-1.5-T1 AAT3238IGU-1.2 |
300mA MicroPower High Performance LDO Linear Regulator 300mA MicroPower⑩ High Performance LDO Linear Regulator 300mA MicroPower垄芒 High Performance LDO Linear Regulator
|
Advanced Analogic Technologies
|
LT3014BHVES5TRPBF LT3014BHVIDDTRPBF LT3014BES5PBF |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MIC5307-2.8YD5 MIC5307-3.0YD5 MIC5307-1.5YD5 MIC53 |
300mA Micropower 渭Cap Baseband LDO 300mA Micropower μCap Baseband LDO 300mA Micropower uCap Baseband LDO 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 300mA Micropower uCap Baseband LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
38721-7312 38721-7306 38721-7308 38721-7304 38721- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 2种方式结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 8路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 12未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 10未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 6未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 2种方式结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
复位半导 Harwin PLC Ironwood Electronics MOLEX INC
|