PART |
Description |
Maker |
ST72F324J2T6 ST72F324K2T3 ST72F324K6B5 ST72F324K6T |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
|
STMicroelectronics
|
ST72324BK2 ST72F324BK2B5 ST72F324BK2B6 ST72F324BK2 |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
STMicroelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
PE-67050 PE-67100 PE-67300 PE-67200 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz IC,MCU,MC68701,8-BIT,DIP-40 29 I/O,2MHZ 8-BIT, UVPROM, 1 MHz, MICROCONTROLLER, CDIP28
|
Pulse Engineering, Inc.
|
CA308T_S_AT_AS CA308T/S/AT/AS CA108S/AT/AS CA208S/ |
5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface Triple 2-channel analog multiplexer/demultiplexer 12 A Snubberless", logic level and standard triacs Voltage-FeedbackOperationalAmplifier
|
|
BUT102 |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50A条一(c)|
|
STMicroelectronics N.V.
|
ADUC831BS ADUC831BCP ADUC831 |
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-Channel 12-Bit ADC + Dual 12-Bit DAC + Flash MCU Big Memory Upgrade to ADuC812
|
AD Anolog Devices
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
68HC705PL4B |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
HT66F201006 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F30 HT66F20 HT66F40 HT66F50 HT66F60 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT68F2010 HT68FU60 HT68FU40 HT68F30 HT68F20 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor In... Holtek Semiconductor Inc
|