PART |
Description |
Maker |
HI3-0507-5Z HI9P0506-9 HI-507 HI9P0506-5 HI9P0506- |
Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers; Temperature Range: 0°C to 70°C; Package: 28-PDIP 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28
|
Intersil, Corp. http:// Intersil Corporation
|
X9421YS16 X9421YS16IZ X9421YV14 X9421YV14I X9421YV |
Single Digitally Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Single Voltage Potentiometer
|
Intersil Corporation Intersil, Corp.
|
FOD0738R2 FOD0708 |
Single Channel CMOS Optocoupler 15MBaud CMOS logic optocoupler. Dual channel SOIC-8; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 15 Mbps
|
Fairchild Semiconductor, Corp.
|
EDI8F32259C35MNC EDI8F32259C35MMC EDI8G32259B12MZC |
High Speed, Single Channel, Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP x32 SRAM Module TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-QFN T&R X32号的SRAM模块
|
Integrated Device Technology, Inc. Samsung Semiconductor Co., Ltd.
|
LT1006 LT1006ACH LT1006ACJ8 LT1006AMH LT1006AMJ8 L |
Precision, Single Supply Op Amp OP-AMP, 200 uV OFFSET-MAX, MBCY8 Precision / Single Supply Op Amp Precision Single Supply Op Amp From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
X9429WS16I X9429WS16IZ X9429WV14IZ-2.7T1 INTERSILC |
Single Digitally Controlled Potentiometer(XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14
|
Intersil Corporation Intersil, Corp.
|
NTHS2101P NTHS2101PT1G NTHS2101PT1 |
−8.0 V, −7.5 A P−Channel ChipFET −8.0 V, −7.5 A P−Channel ChipFET Power MOSFET 8 V P-Channel Single ChipFET™
|
ONSEMI[ON Semiconductor]
|
KMD064-176GG KMC090-165T KMT090-210TG KMA009-165T |
64 POS PEEL-A-WAY® DUAL ROW SOCKET DIP64, IC SOCKET 90 POS TRIPLE ROW ADAPTER IC SOCKET 90 POS PEEL-A-WAY® TRIPLE ROW SOCKET IC SOCKET 9 POS PEEL-A-WAY® SINGLE ROW ADAPTER SIP9, IC SOCKET 40 POS PEEL-A-WAY® DUAL ROW ADAPTER DIP40, IC SOCKET 36 POS PEEL-A-WAY® TRIPLE ROW SOCKET IC SOCKET 7 POS PEEL-A-WAY® SINGLE ROW ADAPTER SIP7, IC SOCKET 22 POS PEEL-A-WAY® SINGLE ROW SOCKET SIP22, IC SOCKET 16 POS PEEL-A-WAY® SINGLE ROW ADAPTER SIP16, IC SOCKET 100 POS PEEL-A-WAY® SINGLE ROW ADAPTE SIP100, IC SOCKET 20 POS PEEL-A-WAY® DUAL ROW SOCKET DIP20, IC SOCKET 58 POS PEEL-A-WAY® DUAL ROW SOCKET DIP58, IC SOCKET 50 POS PEEL-A-WAY® SINGLE ROW SOCKET SIP50, IC SOCKET 32 POS PEEL-A-WAY® DUAL ROW SOCKET DIP32, IC SOCKET 30 POS PEEL-A-WAY® TRIPLE ROW SOCKET ZIP90, IC SOCKET 14 POS PEEL-A-WAY® DUAL ROW SOCKET DIP14, IC SOCKET 50 POS PEEL-A-WAY® DUAL ROW ADAPTER 6 POS PEEL-A-WAY® DUAL ROW SOCKET 6 POS PEEL-A-WAY® DUAL ROW ADAPTER 8 POS PEEL-A-WAY® SINGLE ROW ADAPTER 36 POS TRIPLE ROW ADAPTER 48 POS TRIPLE ROW ADAPTER 141 POS PEEL-A-WAY® TRIPLE ROW SOCKET 11 POS PEEL-A-WAY® SINGLE ROW ADAPTER
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
OM6028SC OM6027SC OM6026SC OM6025SC OM6031SC OM603 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V Single N-Channel Hi-Rel MOSFET in a D3 package 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package 1000V Single N-Channel Hi-Rel MOSFET in a TO-259AA package 400V Single N-Channel Hi-Rel MOSFET in a TO-259AA package POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 22A I(D) | TO-259AA TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 10A I(D) | TO-258AA 1000V, N-Channel, 10Amp MOSFET, High Energy Capability(1000V , 10A,N沟道,MOS场效应管(高能容量)) 400V, N-Channel, 24Amp MOSFET, High Energy Capability(400V , 24A,N沟道,MOS场效应管(高能容量)) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 24A条(丁)|59AA SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 24A条(丁)|58AA Isolated Hermetic Metal Package
|
International Rectifier ETC List of Unclassifed Manufacturers Omnirel Microsemi, Corp. Wieland Electric, Inc.
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
66193-101 66193 66193-001 66193-011 |
RF CONNECTOR; 75 OHM N MALE, CRIMP ATTACHMENT FOR RG179 & RG187 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SINGLE CHANNEL OPTOCOUPLERS REPLACEMENT FOR 3C91C
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|