PART |
Description |
Maker |
MC34074L-D14-T MC34074L-S14-R MC34074G-S14-R MC340 |
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIER
|
Unisonic Technologies
|
HS-2510RH |
Op Amp, Wide Power Bandwidth 750kHz (Min), High Slew Rate, 65V/s (Typ), Rad-Hard
|
Intersil
|
MC34072-D08-T MC34072-S08-R MC34072-S08-T MC340720 |
HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
NJM2138 NJM2138M NJM2138V |
ULTRA WIDE BAND, HIGH SLEW RATE QUAD OPERATIONAL AMPLIFIER
|
NJRC[New Japan Radio]
|
HS-2510RH 5962D9568601VPA HS9-2510RH-Q HS7-2510RH- |
Radiation Hardened High Slew Rate Operational Amplifier Radiation Hardened High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CDIP8 CAP TANT LOESR 330UF 10V 20% SMD Radiation Hardened High Slew Rate
Operational Amplifier(抗辐射高输出电压转换速率、低偏置电流运算放大
|
Intersil, Corp. Intersil Corporation
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA2-2525-5 HA3-2525-5 HA7-2525-5 HA9P2525-5 HA2520 |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers 0MHz,高压摆率,无偿,高输入阻抗,运算放大器 20MHz/ High Slew Rate/ Uncompensated/ High Input Impedance/ Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA3-2840-5 HA3-2840-9 HA3B2840-5 HA7-2840-9 HA9P28 |
600MHz Very High Slew Rate Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier 频率600MHz,压摆率甚高运算放大
|
Harris Semiconductor HARRIS[Harris Corporation] Harris, Corp.
|
MC35080 MC35080AU MC35080U MC35081AU MC35085 MC340 |
HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS (MC35080 - MC35085) High Performance JFET Input Operational Amplifiers Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SOT-23 -40 to 125 Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SON -40 to 125
|
MOTOROLA[Motorola, Inc] Motorola, Inc.
|
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
HA-2520 HA-2522 HA-2525 |
Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 8mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Max Offset Voltage Op Amp, 20MHz, High Slew Rate, Uncompensated, High Input Impedance, 10mV Offset Voltage Drift
|
Intersil
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|