PART |
Description |
Maker |
W9812G2GH-6I |
a high-speed synchronous dynamic random access memory (SDRAM), organized as 1,048,576 words ??4 banks ??32 bits
|
WINBOND ELECTRONICS CORP
|
CXK77B3610GB- CXK77B3610GB-6 CXK77B3610GB-7 CXK77B |
High Speed 1MBit Bi-CMOS Synchronous Static RAM(高M位Bi-CMOS同步静态RAM) High Speed Bi-CMOS Synchronous Static RAM From old datasheet system
|
SONY[Sony Corporation]
|
QS74FCT163T QS74FCT161T QS74FCT163ATP QS74FCT161CT |
Synchronous Up Counter 同步设立摊位 (QS74FCT161T) High Speed CMOS Synchronous Presettable 4 Bit Binary Counters (QS74FCT163T) High Speed CMOS Synchronous Presettable 4 Bit Binary Counters
|
Quality
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
ADL5202 ADL5202-EVALZ ADL5202ACPZ-R7 |
Wide Dynamic Range, High Speed
|
Analog Devices
|
WEDPN8M72V-133BC |
8Mx72 High-speed CMOS,Synchronous DRAM(8M x 72高速CMOS同步动态RAM) 8Mx72高速CMOS,同步DRAM米72高速的CMOS同步动态RAM)的 8Mx72 High-speed CMOS,Synchronous DRAM(8M x 72楂??CMOS????ㄦ?RAM)
|
Hanbit Electronics Co., Ltd.
|
IRFP4137PBF IRFP4137PBF-15 |
Improved Gate, Avalanche and Dynamic dV/dt Ruggedness High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
ADL5201 |
Wide Dynamic Range, High Speed, Digitally Controlled VGA
|
Analog Devices
|
HYB39S64160AT HYB39S64160BT HYB39S64160BT-7 |
64M SDRAM Component 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4× 1M× 16)同步动态RAM(用于高速图形场合)) 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4M x 16)同步动态RAM(用于高速图形场合))
|
Infineon SIEMENS AG
|
V53C8256H V53C8256H35 V53C8256H40 V53C8256H45 V53C |
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp]
|
IDT70T3589S-200DRI IDT70T3589S-133BF IDT70T3589S-1 |
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 2.5V56/128/64K × 36 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PBGA256
|
Integrated Device Technology, Inc.
|
HM5216808CSERIES 5216808C |
1,048,576-word ′ 8-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3)
2,097,152-word ′ 4-bit ′ 2-bank Synchronous Dynamic RAM
(SSTL-3) From old datasheet system
|
hitachi
|