PART |
Description |
Maker |
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
HYB514405BJL HYB514405BJ-60 Q67100-Q2116 |
1M x 4-Bit Dynamic RAM(1M x 4-位动RAM (超级页面EDO模式)) RES 1.3K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA 1M X 4 EDO DRAM, 60 ns, PDSO20 1M x 4-Bit Dynamic RAM 100万4位动态随机存储器
|
SIEMENS AG
|
TC511402AJ-60 TC511402AP-60 TC511402ASJ-60 TC51140 |
1,048,576 x 4 BIT DYNAMIC RAM 1048576 x 4 BIT DYNAMIC RAM Darlington Array IC; Transistor Polarity:NPN; Number of Transistors:7; Collector Emitter Voltage, Vceo:1.3V; Package/Case:16-DIP
|
http:// Toshiba Semiconductor Toshiba Corporation
|
TC514100AAZL-10 TC514100AAZL-70 TC514100AAZL-80 TC |
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:32-15 RoHS Compliant: No 4,194,304 WORD x BIT DYNAMIC RAM 4194304 WORD x BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HYB514400BJL-70 HYB514400BJL-60 HYB514400BJL-50 HY |
1 048 576 x 4-Bit Dynamic RAM 4 194 304 x 1-Bit Dynamic RAM
|
Infineon
|
HYB5117800BSJ-70 HYB5117800BSJ-60 HYB5117800BSJ-50 |
-2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB314171BJL-70 HYB314171BJL-60 HYB314171BJL-50 HY |
256k x 16 Bit FPM DRAM 3.3 V 60 ns -3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh 256k x 16 Bit FPM DRAM 3.3 V 70 ns From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
IC41SV4105 IC41SV4105-50J IC41SV4105-50JG IC41SV41 |
DYNAMIC RAM, FPM DRAM From old datasheet system 1Mx4 bit Dynamic RAM with Fast Page Mode
|
ICSI[Integrated Circuit Solution Inc]
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
IC41SV44052 IC41SV44054 IC41SV44052-70J IC41SV4405 |
DYNAMIC RAM, FPM DRAM 4Mx4 bit Dynamic RAM with Fast Page Mode
|
ICSI[Integrated Circuit Solution Inc] http://
|
M5M467805BJ M5M467805BTP-5 M5M465165BJ M5M465165BT |
From old datasheet system EDO MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|