PART |
Description |
Maker |
AD1837A AD1837AAS AD1837AAS-REEL AD1837AASZ EVAL-A |
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec 2 ADC, 8 DAC, 96 kHz, 24-Bit Sigma Delta CODEC
|
Analog Devices, Inc.
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AD1838AASZ-REEL AD1838AAS-REEL EVAL-AD1838AEB |
2 ADC, 6 DAC, 96KHZ 24 BIT CODEC 2 ADC, 6 DAC 96 kHz, 24-Bit Sigma Delta Codec 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC
|
Analog Devices, Inc.
|
AD1839AASZ-REEL1 AD1839AAS-REEL AD1839AASZ1 AD1839 |
2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec 2的ADC DAC的,96千赫4位Δ编解码器 2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
|
Analog Devices, Inc.
|
AD1835 AD1835AS |
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec
|
Analog Devices, Inc.
|
EVAL-AD1835AEB AD1835AASZ |
2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
|
Analog Devices
|
EVAL-AD1837AEB AD1837AAS AD1837A AD1837AAS-REEL AD |
2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
|
AD[Analog Devices]
|
ADAU1328-15 |
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
|
Analog Devices
|
AD1928-15 |
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
|
Analog Devices
|
ADUC824 ADUC824BCP ADUC824BCP-REEL ADUC824BS |
24-Bit ADC 16-Bit ADC 12-Bit DAC 8K-Byte Flash MCU Precision Analog Microcontroller: 1MIPS 8052 MCU 8kB Flash 16/24-Bit ADC 12-Bit DAC
|
Analog Devices
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|