PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
STM8AF6146 STM8AF6166 STM8AF6126 STM8AF6148 STM8AF |
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC563M64L7COAR SPC563M64L7COAY SPC563M64L7COBR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC560B40L3B4E0X SPC560B50L1B4E0X SPC560B50L1B4E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
UAA2080TD |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 询价/ FSK信号解调
|
ALPS Electric Co., Ltd.
|
STM8AFHP5169 STM8AFP5269 STM8AFHP5198 STM8AFHP5189 |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
ST7FL19F1MAE ST7FL15F1MAE |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
意法半导
|
|