PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
AT16245F AT16245F-25XC AT16245F-25YC AT16245G AT16 |
Fast logic bi-directional transceiver, 6.0V AT16245 Fast Logic Bi-Directional Transceiver DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
CY7C008V-2 CY7C009V CY7C009V-15AC CY7C009V-20AC CY |
Memory : Dual-Ports RF/Coaxial Connector; RF Coax Type:7/16; Contact Termination:Blunt Post; Body Style:Panel Flanged Receptacle RoHS Compliant: Yes TNC Coaxial Connector; Body Style:Straight Terminator RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:55; Connector Shell Size:23; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 3.3V 64K/128K x 8/9 Dual-Port Static RAM 128K X 9 DUAL-PORT SRAM, 15 ns, PQFP100 TNC CAP AND CHAIN 128K X 8 DUAL-PORT SRAM, 25 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
JXWBSO-T-2000-8000-30 |
Dual Directional Coupler
|
American Accurate Components, Inc.
|
CGN-30-0.9G CGN-30-1.5G CGN-30-1.8G CGN-30-1G CGN- |
DUAL DIRECTIONAL COUPLERS
|
Merrimac Industries, Inc.
|
C13XX-XX |
OUTLINE, DUAL DIRECTIONAL COUPLER, SMA
|
Advanced Technical Materials Inc.
|
KEK-704DH |
DUAL HIGH POWER DIRECTIONAL COUPLERS
|
SYNERGY MICROWAVE CORPORATION
|
CHP27XX-XXF-XXR |
OUTLINE, HP(600W) DUAL COAX DIRECTIONAL COUPLER
|
Advanced Technical Materials Inc.
|
DCPL-WB-00D3 |
Wide-band, dual-path directional coupler with ISO port
|
STMicroelectronics
|