|
|
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
Part No. |
24C04 ST25C04 ST25C04B1TR ST25C04B3TR ST25C04B5TR ST25C04B6TR ST25C04M1TR ST25C04M3TR ST25C04M5TR ST25C04M6TR ST24C04 ST24C04B1TR ST24C04B3TR ST24C04B5TR ST24C04B6TR ST24C04M1TR ST24C04M3TR ST24C04M5TR ST24C04M6TR ST25W04 ST25W04B1TR ST25W04B3TR ST25W04B5TR ST25W04B6TR ST25W04M1TR ST25W04M3TR ST25W04M5TR ST25W04M6TR ST24W04 ST24W04B1TR ST24W04B3TR ST24W04B5TR ST24W04B6TR ST24W04M1TR ST24W04M3TR ST24W04M5TR ST24W04M6TR 2435 ST24W04B3 ST24W04M1 -24C04
|
OCR Text |
...ntion of 40 years. Both Plastic Dual-in-Line and Plastic Small Outline packages are available. The memories are compatible with the I2C standard, two wire serial interface which uses a bi-directional data bus and serial clock. The memories
... |
Description |
KIT, NIOS FOR CYCLONE II; Kit contents:Nios II Development Board, Nios II IDE, Quartus II Web Edition design software, SOPC Builder system integration tool, Cables and accessories, Design examples and applications RoHS Compliant: Yes IC MAX 7000 CPLD 256 208-PQFP PowerPak; Charge, gate n-channel:27nC; Current, Idm pulse:40A; Depth, external:5.26mm; RoHS Compliant: Yes MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:80V; Case style:PowerPak SO-8; Current, Id cont:7.6A (ST2xxx) 4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection From old datasheet system 4 Kbit Serial I 2 C Bus EEPROM with User-Defined Block Write Protection 4KbitSerialI2CBusEEPROMwithUser-DefinedBlockWriteProtection
|
File Size |
123.70K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|