PART |
Description |
Maker |
BUT76 BUT76A |
Silicon NPN Power Transistors 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI" 晶体管|晶体管|叩| 450V五(巴西)总裁| 12A条一(c)|20 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Vishay Telefunken STMicroelectronics N.V.
|
ST7263BE2M1 ST7263BE2M1XXX ST72F63BK4M1 ST7263BE6M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I虏C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I2C
|
STMicroelectronics http://
|
ST72F361AR9T6 ST72F361AR6T3 ST72F361AR6T6 ST72P361 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72561 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI(TM), ACTIVE CAN From old datasheet system
|
ST Microelectronics
|
ST72F63BE6M1 ST72F63BK4M1 ST72F63BK6B1 ST72F63BD6U |
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I虏C Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I2C
|
STMicroelectronics http://
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
ST7232AK1 ST7SB20J_US ST7232A ST7232AK1B1 ST7232AK |
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72621J2B1 ST72621J2T1L ST72621L4M1 ST72621J4T1L |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
|
ST Microelectronics SGS Thomson Microelectronics
|
BUV18X |
Bipolar NPN Device in a Hermetically sealed TO3 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI"
|
Seme LAB
|
|