PART |
Description |
Maker |
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
UPD75P3116GK-8A8 UPD753012AGK-XXX-BE9 UPD753016AGK |
75XL series 4-bit single-chip microcomputer with LCD & 5 timer 4-bit single chip microcomputer
|
NEC
|
M38005S1-DXXXFP M38005S1-DXXXSP M38005S1-XXXSP M38 |
8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP64 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
http:// Renesas Electronics Corporation
|
HD404918 HD404919 HD40P4919 HN27C256-20 HN27C256H- |
ROM(words): 16,386; V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
|
HITACHI[Hitachi Semiconductor]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC Single Chip 32-bit Microcontroller Erratasheet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|