PART |
Description |
Maker |
2SC4678 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) HIGH CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY
|
TOSHIBA
|
2SC4203 E000913 |
EPITAXIAL PLANAR TYPE (VIDEO OUTPUT FOR HIGH DEFINITION VDT HIGH SPEED SWITCHING APPLICATIONS) From old datasheet system VODEO OUTPUT FOE HIGH DEFINTION VDT HIGH SPEED SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
PS9611 PS9611L-E3 PS9611L-V-E4-A PS9611-A PS9611-V |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
PS9814-2-F3 PS9814-2-F3-A PS9814-1-F3-A PS9814-1-A |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
California Eastern Laboratories Duracell
|
BSP20 BSP19 |
NPN high-voltage transistors INNOLINE: RP100-S_DI - Single Output up to 25A Dual Outputs Total Power up to 100W- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage
|
NXP Semiconductors PHILISP PHILIPS[Philips Semiconductors]
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
TS612_02 TS612 TS612ID TS612IDT |
DUAL WIDEBAND OP-AMP WITH HIGH OUTPUT CURRENT DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PQ3RF33 |
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
|
Sharp Electrionic Components
|
IR3623MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IR International Rectifier
|
IR3622MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IRF[International Rectifier]
|