PART |
Description |
Maker |
ISL5123IH-T ISL5123CB ISL5123 ISL5123IB ISL5120IB |
Analog Switch, SPST, Dual, NOpen, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Low-Voltage/ Single Supply/ Dual SPST/ SPDT Analog Switches Low-Voltage Single Supply Dual SPST SPDT Analog Switches Analog Switch, SPST, Dual, NClosed, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Analog Switch or 2-1 Multiplexer, SPDT, Single, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V Analog Switch, SPST, Dual, NClosed/NClosed, Ron = 32 @ 3.3V, 19 @ 5V, 11 @ 12V, Single Supply, 2.7V to 12V
|
INTERSIL[Intersil Corporation]
|
ISL6549LOW-EVAL1 ISL6549HI-EVAL1 |
Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller 单电源双12V输入同步整流降压稳压器和线性电源的PWM控制
|
Intersil, Corp.
|
EM4069A6CI2LC EM4069B5CI2LC EM4069B6CI2LC |
Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-QSOP AnalogMiscellaneous
|
|
ISL6522 ISL6522CR ISL6522IR ISL6522CV ISL6522CB |
5V or 12V Supply, VOUT =0.8V Min @ ±1% Reg, Microprocessors Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
RT8108 |
5V to 12V Single Synchronous Buck PWM Controller
|
Richtek Technology, Corp.
|
LT1213 LT1214CN |
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
|
Linear Integrated Systems
|
ISL4324004 ISL43240IRZ-T ISL43240 ISL43240IA ISL43 |
Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches Analog Switch, SPDT, Quad, 2xNClosed/2xNOpen, Ron = 18 @ V, Single or Dual Supply, V to V or 2V to 12V, Ron Matched
|
INTERSIL[Intersil Corporation]
|
ISL6525 ISL6525CB |
PWM Controller, VOUT 1.20V Min @ % Reg, 5V or 12V Supply, 200kHz Free-Running Osc Programmable 50kHz to 1 MHz Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
ISL43120 |
Analog Switch, Dual SPST, NOpen/NOpen, Ron = 11 @ 12V, Single Supply 2.7 to 12 Volt, Ron Matched
|
Intersil
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
|