PART |
Description |
Maker |
STP55NF06 STP55NF06FP STB55NF06 STB55NF06-1 -STP55 |
N-CHANNEL 60V - 0.015 OHM - 50A TO-220/TO-220FP/I2PAK/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D2PAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/DPAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50ATO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50A条TO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D??AK STripFET??II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STS9NF30L STS9NF30L02 |
N-CHANNEL 30V - 0.015 OHM - 9A SO-8 LOW GATE CHARGE STRIPFET POWER MOSFET N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.015 W - 9A SO-8 LOW GATE CHARGE STripFET II POWER MOSFET
|
ST Microelectronics Advanced Analogic Technologies
|
ITF87068SQT |
9A/ 20V/ 0.015 Ohm/ P-Channel/ 2.5V Specified Power MOSFET 9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STS9NF30L |
N-CHANNEL 30V - 0.015 OHM - 9A SO-8 LOW GATE CHARGE STRIPFET POWER MOSFET
|
STMicroelectronics
|
SQJ461EP-T1-GE3 |
21.7 A, 60 V, 0.015 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, POWERPAK, SO-8L, 4 PIN
|
Vishay Intertechnology, Inc.
|
BS107A |
N-channel enhancement mode vertical D-MOS transistor INDUCTOR,TOROID,HORIZONTAL, 22.0 uH,7.0 IDC,0.015 OHM,
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
NP50P04KDG-E2-AY NP50P04KDG NP50P04KDG-E1-AY |
50 A, 40 V, 0.015 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-263AB LEAD FREE, MP-25ZK, TO-263, 3 PIN MOS FIELD EFFECT TRANSISTOR
|
Diodes, Inc. NEC[NEC]
|
MK2302S-01 |
Multiplier and Zero Delay Buffer, CY2302-015
|
Electronic Theatre Controls, Inc. ETC[ETC] ICS List of Unclassifed Manufacturers
|
CMKD6263LEADFREE |
0.015 A, 70 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
B82412-A3150-K |
1 ELEMENT, 0.015 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
EPCOS AG
|