Part Number Hot Search : 
24M05 Z08002 TM32F 422A5T BZV47C CHA3689 APT20M M37470
Product Description
Full Text Search
  0.015 Datasheet PDF File

For 0.015 Found Datasheets File :: 27943    Search Time::2.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC5009 2SC5009-T1 2SC5009-T1-T2

NEC[NEC]
NEC Corp.
Part No. 2SC5009 2SC5009-T1 2SC5009-T1-T2
OCR Text ...new fabrication technique. 1.6 0.1 1.0 PACKAGE DIMENSIONS in milimeters 1.6 0.1 0.8 0.1 2 0.2+0.1 -0 0.5 0.3 +0.1 -0 0.15 +0.1 -0.05...015 .029 .041 .053 .064 .074 .083 .092 .098 .105 .113 .120 .126 .133 .139 .146 .152 .159 .166 .174 ....
Description NPN epitaxial-type silicon transistor
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD

File Size 57.57K  /  10 Page

View it Online

Download Datasheet





    2SC5013 2SC5013-T1 2SC5013-T2 2SC5013-EB

NEC[NEC]
NEC Corp.
Part No. 2SC5013 2SC5013-T1 2SC5013-T2 2SC5013-EB
OCR Text ...h Gain * Low Voltage Operation 0.3 +0.1 -0.05 PACKAGE DIMENSIONS in millimeters 2.1 0.2 1.25 0.1 0.3 +0.1 -0.05 (LEADS 2, 3, 4) (...015 .025 .038 .044 .051 .056 .063 .065 .070 .074 .079 .084 .085 .090 .099 .099 .105 .109 .112 .119 ....
Description L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 51.33K  /  8 Page

View it Online

Download Datasheet

    2SC5014 2SC5014-T1 2SC5014-T2

NEC Corp.
NEC[NEC]
Part No. 2SC5014 2SC5014-T1 2SC5014-T2
OCR Text ...n * Low Voltage Operation 2.1 0.2 1.25 0.1 PACKAGE DIMENSIONS in millimeters ORDERING INFORMATION 2 3 2.0 0.2 PART NUMBER 2SC501...015 2.944 2.859 2.822 2.750 2.700 2.600 2.595 2.521 2.450 2.424 2.340 2.291 2.232 2.158 2.134 2.063 ...
Description HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD

File Size 48.18K  /  8 Page

View it Online

Download Datasheet

    2SD655

Hitachi,Ltd.
Hitachi Semiconductor
Part No. 2SD655
OCR Text ...eak) PC Tj Tstg Ratings 30 15 5 0.7 1.0 500 150 -55 to +150 Unit V V V A A mW C C Electrical Characteristics (Ta = 25C) Item Collector t...015 0.01 200 10 0.005 mA IB = 0 0 50 100 150 Ambient Temperature Ta (C) 0 2 4 6...
Description Silicon NPN Epitaxial npn型硅外延

File Size 28.39K  /  6 Page

View it Online

Download Datasheet

    4N33 4N29 4N30 4N32 4N31

Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola, Inc]
Part No. 4N33 4N29 4N30 4N32 4N31
OCR Text ... (IF = 10 mA) Capacitance (VR = 0 V, f = 1 MHz) OUTPUT DETECTOR (TA = 25C and IF = 0, unless otherwise noted) *Collector-Emitter Dark Curren...015 0.100 MILLIMETERS MIN MAX 8.13 8.89 6.10 6.60 2.93 5.08 0.41 0.50 1.02 1.77 0.25 0.36 2.54 BSC 0...
Description STANDARD THRU HOLE CASE 730A-04

File Size 286.89K  /  6 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...00/AD8402/AD8403 products. REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibili...015 V A W %/% kHz kHz kHz % s nV/Hz ns ns ns ns Total Harmonic Distortion VW Settling Time Resist...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA

ETC
ANACHIP[Anachip Corp]
Part No. AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA
OCR Text ...25C Rating -30 20 -8 -6 -50 2.5 0.02 -55 to 150 -55 to 150 Units V V A A W W/C C C Thermal Data Symbol Rthj-amb Parameter Thermal Resist...015 0O 0.199 0.154 0.050 0.236 0.028 0.209 0.161 0.244 0.050 0.004 8O Anachip Corp. www.anachip.c...
Description P-Channel 30-V (D-S) MOSFET
P-Channel Enhancement Mode Power MOSFET

File Size 245.21K  /  6 Page

View it Online

Download Datasheet

    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text ....5V, 2.5V, 2.85V, 3.0V, 3.3V, 5.0, or Blank for Adjustable) PIN CONNECTIONS 8-Pin Surface Mount (S) TO-220-3 (U) SOT-89 (M1) SOT-223 (M3...015 (0.381 + + - 0 8 0.003 0.074) 0.100 (2.540 0.010 0.254) Alpha Semiconductor ...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator SCSI-II Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet

For 0.015 Found Datasheets File :: 27943    Search Time::2.218ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43759989738464