PART |
Description |
Maker |
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SA1967 |
NPN Triple Diffused Planar Silicon Transistor High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
2SC2881 |
Voltage Amplifier Applications High Voltage : VCEO = 120V High Transition Frequency : fT = 120MHz(typ.)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SA1412-Z |
High Voltage: VCEO=-400V High speed:tr 0.7ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
2SC3632-Z |
High voltage VCEO=600V High speed tf 0.5ìs Collector to base voltage VCBO 600 V
|
TY Semiconductor Co., Ltd
|
PS2633 PS2633L PS2634 PS2634L |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
|
http:// NEC[NEC]
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|