PART |
Description |
Maker |
74LVT244APW-T 74LVT244ADB-T |
1K, 128 x 8, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, T/R 1K, 128 X 8, 1.8V SER EE, -40C to 125C, 8-SOIC 150mil, T/R 位非反向缓冲驱动
|
TE Connectivity, Ltd.
|
24LC32A-I/MS |
32K, 4K X 8, 2.5V SER EE IND, -40C to 85C, 8-MSOP, TUBE
|
Microchip Technology
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
74LVT162245MEAX |
256K, 32K X 8, 2.5V SER EEPROM, -40C to 125C, 8-TSSOP, TUBE 位总线收发
|
Fairchild Semiconductor, Corp.
|
SAF-XC161CJ-16FF SAK-XC161CJ-16FF |
16-Bit Microcontrollers - 128 k Flash, 8K RAM, -40C.... 85C 16-Bit Microcontrollers - 128 k Flash, 8 K RAM, -40C... 125C
|
Infineon
|
74LVC2241ADB |
16 byte, 128 bit, 5V SEE, -40C to 85C, 8-DFN, T/R 位非反向缓冲驱动
|
NXP Semiconductors N.V.
|
74LVT16374 74LVTH16374 74LVT16374GX 74LVTH16374GX |
32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 208mil, T/R 触发器| 16位| D型|小型终端/ ALVT,BICMOS工艺| SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop From old datasheet system Low Voltage 16-Bit D Flip-Flop with 3-STATE Outputs
|
ON Semiconductor Fairchild Semiconductor
|
IDT728981 IDT728981DB IDT728981P IDT728981J |
128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 5.0V TSI-TDM Switches TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
|
IDT[Integrated Device Technology]
|
|