PART |
Description |
Maker |
CM8562B CM8562BGIN252 CM8562BGIS CM8562BIN252 CM85 |
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
|
Champion Microelectronic Corp.
|
CM8560IN263 CM8560 CM8560GIN263 |
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR 3A汇和源可调线性总线终端
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LT1118_06 LT1118 LT1118-2.5 LT1118-2.85 LT1118-5 L |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
|
LINER[Linear Technology]
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ADR365A ADR365AUJZ-REEL7 |
Low Power, Low Noise Voltage References with Sink/Source Capability 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO5 Low Power, Low Noise Voltage References with Sink/Source Capability 低功耗,低噪声电压与水槽参源能
|
Analog Devices, Inc.
|
MAX5048CAUT |
7A Sink/3A Source Current
|
Maxim Integrated Produc...
|
AP1280AMP |
2A SINK/SOURCE BUS TERMINATION REGULATOR
|
Advanced Power Electronics Corp.
|
EUP7998 |
Sink/Source DDR Termination Regulator
|
Eutech
|
NCP51145MNTAG NCP51145PDR2G |
DDR 1.8 Amp Source / Sink Termination Regulator
|
ON Semiconductor
|
CM3196-12SN CM3196 CM3196-12SB CM3196-12SH CM3196- |
2.0A Source/Sink DDR-I, -II Bus Termination Regulator 2A Sink/Source DDR-I, -II Bus Termination Regulator
|
CALMIRCO[California Micro Devices Corp]
|
ADR441 ADR444 |
Ultralow Noise, LDO XFET? 2.5V Voltage Reference w/Current Sink and Source Ultralow Noise, LDO XFET? 4.096V Voltage Reference w/Current Sink and Source
|
Analog Devices
|