PART |
Description |
Maker |
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
ZDS1009 |
SM-8 COMPLEMENTARY CURRENT MIRROR
|
Diodes Incorporated
|
1N5617GP 1N5619GP 1N5615GP 1N5623GP 1N5621GP |
Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 1000V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0 A, Reverse Voltage 800V
|
Vishay
|
SBYG20JG SBYG20DG SBYG20GG |
Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?00 to 600V CURRENT?.5A
|
Gulf Semiconductor
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BY268 |
Fast Recovery Pack: SOD-57 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
|
Gulf Semiconductor
|
RGP30J-B RGPB30J |
Fast Recovery Pack: G3 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
|
Gulf Semiconductor
|
BYV26EAGP |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
GU2A GU2B GU2D GU2G GU2J GU2K GU2M |
Ultra Fast Recovery Pack: SMB SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?0 TO 1000V CURRENT?.0A
|
Gulf Semiconductor
|
BYT56M |
Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE?000V CURRENT: 3.0A
|
Gulf Semiconductor
|