Part Number Hot Search : 
32MPD EP4856 SK304 EP8200 SUT041C 0SD518 TM50D AD802
Product Description
Full Text Search
  protects Datasheet PDF File

For protects Found Datasheets File :: 10686    Search Time::2.609ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FPF2172

Fairchild Semiconductor
Part No. FPF2172
OCR Text ...s a current limited switch that protects systems and loads which can be damaged or disrupted by the application of high currents. The core of the device is a 0.125 P-channel MOSFET and a controller capable of functioning over a wide input o...
Description IntelliMAX??Advanced Load Management Products
IntelliMAX⑩ Advanced Load Management Products

File Size 435.69K  /  11 Page

View it Online

Download Datasheet





    CAT24C03WI-GT3 CAT24C03LI-3 CAT24C03LI-G CAT24C03LI-GT3 CAT24C03LI-T CAT24C03YI-GT3 CAT24C03YI-T CAT24C03 CAT24C03VP2I-3

CATALYST[Catalyst Semiconductor]
Part No. CAT24C03WI-GT3 CAT24C03LI-3 CAT24C03LI-G CAT24C03LI-GT3 CAT24C03LI-T CAT24C03YI-GT3 CAT24C03YI-T CAT24C03 CAT24C03VP2I-3 CAT24C03VP2I-G CAT24C03VP2I-GT3 CAT24C03VP2I-T CAT24C03WI-3 CAT24C03WI-G CAT24C03WI-T CAT24C03YI-3 CAT24C03YI-G
OCR Text ...by taking the WP pin High (this protects the upper half of the memory). The CAT24C03 is available in RoHS compliant "Green" and "Gold" 8-lead PDIP, SOIC, TSSOP and TDFN packages. Supports Standard and Fast I2C Protocol 1.8 V to 5.5 V S...
Description 2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection

File Size 399.41K  /  20 Page

View it Online

Download Datasheet

    PSMDA05-6-T7 PSMDA05-6-LF-T7 PSMDA05-6_07 PSMDA05-6 PSMDA05-6-LF-T13 PSMDA05-6-T13 PSMDA05-607

PROTEC[Protek Devices]
Part No. PSMDA05-6-T7 PSMDA05-6-LF-T7 PSMDA05-6_07 PSMDA05-6 PSMDA05-6-LF-T13 PSMDA05-6-T13 PSMDA05-607
OCR Text ...Pulse Power per Line (tp=8/20s) protects 6 Unidirectional Lines: Pins 1, 2, 3, 4, 5, 8 to Data Lines, Pins 6 & 7 to Ground protects 5 Bidirectional Lines: Pins 1, 2, 3, 4, 5 or 8 for Data Lines, Pins 5 or 8 to Ground, Pins 6 & 7 Open ESD Pr...
Description STANDARD CAPACITANCE TVS ARRAY

File Size 64.09K  /  4 Page

View it Online

Download Datasheet

    PSMDA05-6

Protek Devices
Part No. PSMDA05-6
OCR Text ...Pulse Power per Line (tp=8/20s) protects 6 Unidirectional Lines: Pins 1, 2, 3, 4, 5, 8 to Data Lines, Pins 6 & 7 to Ground protects 5 Bidirectional Lines: Pins 1, 2, 3, 4, 5 or 8 for Data Lines, Pins 5 or 8 to Ground, Pins 6 & 7 Open ESD Pr...
Description
File Size 66.92K  /  4 Page

View it Online

Download Datasheet

    CAT24C128WI-GT3 CAT24C128 CAT24C128YIT3 CAT24C128LI-GT3 CAT24C128LIT3 CAT24C128WIT3 CAT24C128YI-GT3

Catalyst Semiconductor
Part No. CAT24C128WI-GT3 CAT24C128 CAT24C128YIT3 CAT24C128LI-GT3 CAT24C128LIT3 CAT24C128WIT3 CAT24C128YI-GT3
OCR Text ...by taking the WP pin High (this protects the entire memory). Supports Standard and Fast I2C Protocol 1.8V to 5.5V Supply Voltage Range 64-Byte Page Write Buffer Hardware Write Protection for entire memory Schmitt Triggers and Noise ...
Description 128-Kb I2C CMOS Serial EEPROM

File Size 507.54K  /  17 Page

View it Online

Download Datasheet

    Tripp Lite. All Rights ...
Part No. DB9
OCR Text ...sion: reversible db9 m/f jacks, protects pins 1-9 and chassis, 18v clamping features db9 protects 9 pin serial connections for dataline surge suppression of data terminal, data communications equipment and pcs, printers, modems and more l r...
Description Datashield Serial In-Line Surge Protector

File Size 155.65K  /  3 Page

View it Online

Download Datasheet

    SMS15CT1G SMS05CT1 SMS12CT1 SMS24C SMS05C SMS15C SMS12C SMS24CT1 SMS15CT1

ONSEMI[ON Semiconductor]
Part No. SMS15CT1G SMS05CT1 SMS12CT1 SMS24C SMS05C SMS15C SMS12C SMS24CT1 SMS15CT1
OCR Text ...ithic common anode design which protects five independent lines in a single SC-74 package. Features http://onsemi.com SC-74 FIVE TRANSIENT VOLTAGE SUPPRESSOR 350 W PEAK POWER PIN ASSIGNMENT 1 6 1 SC-74 CASE 318F STYLE 6 2 3 PIN 1. 2. ...
Description 5-Line Transient Voltage Suppressor Array

File Size 109.61K  /  6 Page

View it Online

Download Datasheet

    IRU3038CF IRU3038CS IRU3038 IRU3038CSTR IRU3038CFTR

IRF[International Rectifier]
Part No. IRU3038CF IRU3038CS IRU3038 IRU3038CSTR IRU3038CFTR
OCR Text ...ication 1.25V Reference Voltage protects the output when control FET is shorted DESCRIPTION The IRU3038 controller IC is designed to provide a low cost synchronous Buck regulator for voltage tracking applications such DDR memory and gen...
Description 14 Pin Synchronous PWM Controller in a 14 pin TSSOP package
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
14 Pin Synchronous PWM Controller in a 14-Pin SOIC (NB) package

File Size 137.19K  /  18 Page

View it Online

Download Datasheet

    CYSTEKEC[Cystech Electonics Corp.]
Part No. PL317E3
OCR Text ...n input short circuit. Diode D2 protects against capacitor CAdj discharging through the IC during an output short circuit. The combination of diodes D1 and D2 prevents CAdj from discharging through the IC during an input short circuit. D1 ...
Description Three Terminal Adjustable Output Positive Voltage Regulators

File Size 190.29K  /  9 Page

View it Online

Download Datasheet

For protects Found Datasheets File :: 10686    Search Time::2.609ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of protects

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1570110321045