PART |
Description |
Maker |
BDX18 BDX18N |
PNP SILICON TRANSISTOR EPITAXIAL BASE
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC Comset Semiconductors
|
BDX20 |
PNP SILICON TRANSISTORS EPITAXIAL BASE
|
Comset Semiconductor
|
2N3792 |
PNP SILICON EPITAXIAL BASE POWER TANSISTORS
|
SemeLAB Seme LAB
|
BCX71G |
PNP Epitaxial Silicon Transistor Collector-base voltage VCBO -45 V
|
TY Semiconductor Co., Ltd
|
KSA733R KSA733Y KSA733 KSA733CG KSA733CL KSA733CO |
PNP Epitaxial Silicon Transistor Low Frequency Amplifier 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Collector-Base Voltage : VCBO= -60V
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
TIP147T TIP145T TIP146T TIP147TTU |
PNP Epitaxial Silicon Darlington Transistor Monolithic Construction With Built In Base-Emitter Shunt Resistors
|
FAIRCHILD[Fairchild Semiconductor]
|
TIP145T |
PNP Epitaxial Silicon Darlington Transistor(Monolithic Construction With Built In Base-Emitter Shunt ResistorPNP硅外延达林顿晶体管(内置基极-射极分流电阻单片结构
|
Fairchild Semiconductor Corporation
|
2SA1766 |
PNP Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1765 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N5337A-220M |
SILICON NPN EPITAXIAL BASE IN TO220 METAL PACKAGE NPN Epitaxial Base Transistor(TO220 Metal PackageNPN外延晶体管(TO220 金属封装,高可靠性)) DIODE SCHOTTKY SINGLE 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|