PART |
Description |
Maker |
MH88625 |
Long loop (OPS) SLIC with 2-4 wire conversion, Programmable line impedance, Unbalanced and tip/ring reversal detection and On-hook transmission for DID
|
Zarlink Semiconductor
|
OPF542 |
High PSRR 300 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 光纤接收
|
Fujitsu, Ltd.
|
STDD15 STDD15-04W STDD15-05W STDD15-07S STDD15-07S |
LOW CAPACTITANCE DETECTION DIODE LOW CAPACTITANCE DETECTION DIODE LOW CAPACITANCE DETECTION DIODE PTC 1.60A 30V RESETTABLE 30R SER Resettable Fuse; Series:30R; Thermistor Type:PTC; Operating Voltage Max:30V; Holding Current:0.9A; Tripping Current:1.8A; Length:12.2mm; Lead Pitch:5.1mm; Initial Resistance Min:0.07ohm; Initial Resistance Max:0.22ohm RoHS Compliant: NA FUSE,1.85A, 30V, RESET,0.40"WX0.62"H 0.20"LS,TH,0.03 OHMS FUSE,1.85A, 30V, RESET,0.40"WX0.62"H 0.20"LS,TH,0.03 OHMS CAPACTITANCE检测二极管
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
TC1235EUNTR TC1236EUNTR TC1237EUNTR |
Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 12KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 35KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 125KHz Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
|
Microchip
|
7545ARPFE-1 7545ARPFP-2 7545ARPDE-1 7545ARPFS-1 75 |
HIGH VOLTAGE, LOW QUIESCENT CURRENT LDO, -40C to 125C, 3-SOT-89, T/R 12位数字到模拟转换 HIGH VOLTAGE, LOW QUIESCENT CURRENT LDO, -40C to 125C, 3-TO-92, BAG 12位数字到模拟转换 Low Iq 250mA LDO, Vin 16V max, Vout=1.2V, -40C to 125C, 3-SOT-223, TUBE 12位数字到模拟转换 Low lq 250mA LDO, Vin 10V max, Vout=1.2V, -40C to 125C, 3-TO-92, BAG
|
Micrel Semiconductor, Inc. Linear Technology, Corp. Maxwell Technologies, Inc
|
PI3543-00-LGIZ |
36 Vin to 60 Vin Cool-Power ZVS Buck Regulator & LED Driver
|
Vicor Corporation
|
ET35 ET40 ET36B |
6-A, 3.3/5 Vin DC/DC Converter with Disabled Sinking During Startup DIAC (BIDIRECTIONAL DIODE THYRISTOR)|40V V(BO) MAX|25UA I(S)|TO-92 移民部(双向二极管晶闸管)| 40V的五(公报)最大| 25UA我(县)|92 DIAC (BIDIRECTIONAL DIODE THYRISTOR)|38V V(BO) MAX|25UA I(S)|TO-92 移民部(双向二极管晶闸管)| 38V的五(公报)最大| 25UA我(县)|92
|
Sullins Connector Solutions, Inc.
|
BD52004GUL-E2 BD52004GUL-TR BD52004HFV-E2 BD52004H |
Omnipolar Detection Hall ICs (Polarity detection for both S and N features dual outputs)
|
Rohm
|
5962-8971104LX 5962-89711043X 5962-8971102JX 5962- |
Ultra-Small, Overvoltage Protection/Detection Circuits Correlator 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 相关
|
Vishay Intertechnology, Inc.
|
LTM4608AMPV-PBF LTM4608AMPV LTM4608AIV-PBF LTM4608 |
Low VIN, 8A DC/DC μModule with Tracking, Margining, and Frequency Synchronization Low VIN, 8A DC/DC 渭Module with Tracking, Margining, and Frequency Synchronization Low VIN, 8A DC/DC 楼矛Module with Tracking, Margining, and Frequency Synchronization
|
Linear Technology
|
|