PART |
Description |
Maker |
TC1188-XECT TC1188-SECT TC1188-QECT TC1188-RECT |
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
Microchip Technology
|
MIC5305 MIC5305-1.5BD5 MIC5305-1.5BML MIC5305-1.8B |
150mA UCap Ultra-Low Dropout LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO6 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1.5 V FIXED POSITIVE LDO REGULATOR, 0.11 V DROPOUT, PDSO5 150mA UCap Ultra-Low Dropout LDO Regulator 2.85 V FIXED POSITIVE LDO REGULATOR, 0.085 V DROPOUT, PDSO6 Replaced by PT6214,PTN78060W :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC37101-1.5BM MIC37101-1.5YM MIC37101-1.65BM MIC3 |
1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 1.65 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 1A LOW VOLTAGE U CAP LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 1A LOW VOLTAGE U CAP LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 FPGA 1600000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
5962R8776001BSA 5962R8776001BRA 5962R8776001B2A 59 |
Buffer/Driver TTL Compatible CMOS Analog Switches Precision, Low-Power, Low-Dropout, UCSP Voltage Reference 缓冲驱动
|
ITT, Corp.
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
PJ1083CZ-3.3 |
7V; 7.5Amp low dropout positive voltage regulator ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 TO-220, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 TO-220, 3 PIN
|
PROMAX-JOHNTON
|
|