PART |
Description |
Maker |
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M37531M4T-XXXFP M37531M4T-XXXGP M37531M4T-XXXSP M3 |
Single Chip 8-Bit CMOS Microcomputer 7531/32/36 Series Microcontrollers: SLIM 740 (Low Cost MCU) Including USB Version SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|