PART |
Description |
Maker |
94RB08CT |
Economical Binary Coded DIP Switches ROTARY CODED SWITCH-8POSITIONS, OCTAL, LATCHED, 0.03A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
Grayhill, Inc.
|
SRP-1211VDP1 SRP-2411VDP1 |
ROTARY CODED SWITCH-12POSITIONS, SP12T, LATCHED, 0.0005A, 5VDC, THROUGH HOLE-STRAIGHT ROTARY CODED SWITCH-24POSITIONS, SP24T, LATCHED, 0.0005A, 5VDC, THROUGH HOLE-STRAIGHT
|
MITSUMI ELECTRIC CO., LTD.
|
SD-1010WB |
ROTARY CODED SWITCHES
|
Copal Electronics
|
SC-1000 SC-1010 SC-1010B SC-1010TB SC-1010W SC-101 |
ROTARY CODED SWITCHES
|
Copal Electronics
|
SC-1010W SC-1011 SC-1110 SC-1111 SC-1210B SC-1111W |
ROTARY CODED SWITCHES
|
List of Unclassifed Man...
|
SD-1000 SD-1110W SD-2010TB SD-2010W SD-2110W SD-11 |
ROTARY CODED SWITCHES
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
RTBH11S02NNZS RTBH11S02ANNZS RTBH111S02ANNZS |
1-2 Pole Coded Rotary Switches
|
C&K Components
|
RTBV1111S02ANNZS RTBV1111S02NNZS RTBV111S02ANNZS R |
1-2 Pole Coded Rotary Switches
|
C&K Components
|
CD08RM0CB CD08RM0SB CD10RM0CB CD16RM0CB CD10RM0SB |
8mm DIP Coded Rotary Switches
|
C&K Components
|
ERG16-112 ERG16-312 |
ROTARY CODED SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, 0.125A, 30VDC, THROUGH HOLE-STRAIGHT
|
|
SLD344YT-3 SLD344YT SLD344YT-1 SLD344YT-2 SLD344YT |
Rotary Switch; Contact Current Max:1.5A; No. of Poles:1; No. of Switch Positions:6; Indexing:60 ; Switch Terminals:Through Hole; Circuitry:SPST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; No. of Switch Positions:10; Circuitry:SPDT; Contact Current Max:1.5A; Indexing:30 ; Contact Rating:1.5A at 28VDC; Mounting Type:Panel; Number of Positions:10; Switch Features:30 degrees Indexing; Switch Function:SPDT 6W高功率激光二极管 Rotary Switch; Contact Current Max:1.5A; No. of Poles:6; No. of Switch Positions:2; Indexing:30 ; Switch Terminals:Through Hole; Circuitry:6PST; Mounting Type:PCB RoHS Compliant: Yes 6W高功率激光二极管 Rotary Switch; Contact Current Max:9A; No. of Switch Positions:2; Circuitry:SPST RoHS Compliant: Yes 6W高功率激光二极管 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:4; Impedance:100ohm; Voltage Nom.:600V RoHS Compliant: Yes 6W High Power Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|