PART |
Description |
Maker |
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ALVT16244 74ALVT16244DGG 74ALVT16244DL AV16244DL |
2.5 V / 3.3 V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver (3-State) 2.5V/3.3V 16-bit buffer/driver 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LS247PC 74LS279PC 74LS393PC 74LS365PC 74LS290PC |
S-R-Type Latch Asynchronous Up/Down Counter Asynchronous Up Counter 2-Bit/4-Bit Buffer/Driver Octal D-Type Flip-Flop Dual 4-Bit Non-Inverting Buffer/Driver Single 8-bit Bus Transceiver 6-Bit Buffer/Driver Dual 4-input NAND Gate Quad 2-input Exclusive NOR (XNOR) Gate 输入异或非(异或非) Decoder/Driver 解码驱动 Successive-Approximation Register 逐次逼近寄存
|
Rochester Electronics, LLC
|
74AC16244 74AC16244SSC 74ACT16244MTD 74ACT16244SSC |
From old datasheet system Octal Serial/Parallel Register with Sign Extend Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit Buffer/Line Driver with 3-STATE Outputs ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCXZ16240 74LCXZ16240MTDX 74LCXZ16240MEAX |
LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 Low Voltage 16-Bit Inverting Buffer/Line Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
74FCT162244TPVGB 74FCT162244TEB 74FCT162244TPAGB 7 |
FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise FCT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Integrated Device Technology INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
MC74HC125ADG MC74HC126ADG MC74HC125AFEL |
Quad Noninverting Buffer, 3 State; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad Noninverting Buffer, 3 State; Package: SOEIAJ-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2000 HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
ON Semiconductor
|
74ABT125CMTCX 74ABT125CSCX 74ABT125CSJ |
Quad Buffer with 3-STATE Outputs; Package: TSSOP; No of Pins: 14; Container: Tape & Reel ABT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HD74LVCZ16244AT |
Quad 4-Bit Buffer/Driver 4位缓冲器/驱动
|
PRECI-DIP SA
|
IDT74LVCH162244APV IDT74LVCH162244A IDT74LVCH16224 |
Adjustable Precision Shunt Regulator 8-SO 0 to 70 LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Adjustable Precision Shunt Regulator 3-SOT-89 0 to 70 LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|