PART |
Description |
Maker |
CY23FS08OXC CY23FS08OXCT CY23FS08OXIT CY23FS0811 C |
Failsafe 2.5 V/3.3 V Zero Delay Buffer Failsafe™ 2.5V/ 3.3V Zero Delay Buffer 166.7 MHz, OTHER CLOCK GENERATOR, PDSO28 Failsafe?2.5 V/3.3 V Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
CY26049-36 CY26049ZC-36 CY26049ZC-36T CY26049ZI-36 |
FailSafe?/a> PacketClock?/a> Global Communications Clock Generator FailSafe PacketClock Global Communications Clock Generator(FailSafe PacketClock全局通讯时钟发生 故障安全PacketClock全球通信时钟发生器(故障保护PacketClock全局通讯时钟发生器) FailSafe⑩ PacketClock⑩ Global Communications Clock Generator FailSafe PacketClock Global Communications Clock Generator 155.52 MHz, OTHER CLOCK GENERATOR, PDSO16 4.40 MM, 1.10 MM HEIGHT, MO-153, TSSOP-16 FailSafe™ PacketClock™ Global Communications Clock Generator 155.52 MHz, OTHER CLOCK GENERATOR, PDSO16
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
H6006A3SO8A H6006A3SO8B H6006A2SO8A H6006A2SO8B H6 |
Failsafe Watchdog
|
EMMICRO[EM Microelectronic - MARIN SA]
|
ATA6842 ATA6842-PLQW ATA6842-PLSW |
Automotive Failsafe System IC
|
ATMEL Corporation
|
CR-33KX0 CR-33KX0-DM CR-33KX0-DMS CR-33KX0-DN CR-3 |
Failsafe SPDT Coaxial Switch
|
Teledyne Technologies I...
|
R585332000 R585423440 R585423410 R585322530 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.42A (COIL), 12VDC (COIL), 5040mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.205A (COIL), 28VDC (COIL), 5740mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.5A (COIL), 12VDC (COIL), 6000mW (COIL), 3000MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
XR3175E XR3172E XR3178E XR3176E XR3170E XR5488E XR |
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
|
Exar Corporation
|
HMC668LP3 HMC668LP3E |
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
|
Hittite Microwave Corporation http://
|
SP1486EMN-L SP1486E SP1486EEN-L |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|