PART |
Description |
Maker |
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IS61NP25618-100B IS61NP25618-100B2 IS61NP25618-100 |
256K X 18 ZBT SRAM, 5 ns, PBGA119 PLASTIC, BGA-119 256K X 18 ZBT SRAM, 5 ns, PQFP100
|
MERITEK Electronics, Corp. Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IDT71V2546SA100BG IDT71V2546SA100BGI IDT71V2546SA1 |
128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT[Integrated Device Technology]
|
IDT71V2558SA IDT71V2558S IDT71V2556SA IDT71V2556S |
128K x 36, 256K x 18 3.3V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
|
IDT
|
GS8162Z72CC-150V GS8162Z72CC-150IV GS8162Z72CGC-20 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 7.5 ns, PBGA209 18Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 72 ZBT SRAM, 6.5 ns, PBGA209
|
GSI Technology, Inc.
|
IDT71T75902 71T75702_DS_59004 IDT71T75902S80PF IDT |
2.5V 1M x 18 ZBT Synchronous 2.5V I/O Flow-through SRAM From old datasheet system 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
|
IDT
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
GS882Z36BB-150V GS882Z36BB-150IV |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
GSI Technology, Inc.
|
IDT71V547S100PF IDT71V547S100PFI IDT71V547S80PF ID |
From old datasheet system 128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 3.3V 128Kx36 ZBT Synchronous Flow-Through SRAM
|
IDT[Integrated Device Technology]
|