PART |
Description |
Maker |
BTS133 |
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BSP550 |
MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
|
INFINEON[Infineon Technologies AG]
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MB15F73SPPV MB15F73SPPFT |
Dual Serial Input PLL Frequency Synthesizer PLL FREQUENCY SYNTHESIZER, 2000 MHz, PDSO20 Dual Serial Input PLL Frequency Synthesizer 双串行输入锁相环频率合成 Dual Serial Input PLL Frequency Synthesizer PLL FREQUENCY SYNTHESIZER, 2000 MHz, PBCC20
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
ACSM-2007NZM12-RC |
2000 MHz - 12000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 20 dBm INPUT POWER-MAX
|
|
ACTM1013NM34 ACTM1013NM12 |
1000 MHz - 2000 MHz RF/MICROWAVE LINEAR DETECTOR, 14 dBm INPUT POWER-MAX
|
|
EMK316BJ226ML-T LTM4641 JMK316BJ226ML-T JMK325BJ10 |
38V, 10A DC/DC μModule Regulator with Advanced Input and Load Protection 38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection 38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
|
Linear Technology
|
S1Q S1ZZ |
1 Amp Silicon Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
UPD789406A UPD789167Y UPD789177Y UPD78F9468 UPD789 |
78K/0S Series Instructions | User's Manual[11/2000] 78K/0S系列说明|用户手册[11/2000]
|
STMicroelectronics N.V.
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
LTC4359 LT4256 LTC4223-2 LTC4352 LT4256-2 LTC4260 |
Ideal Diode Controller with Reverse Input Protection
|
Linear Technology
|