PART |
Description |
Maker |
E0C6266 |
4-bit Single Chip Microcomputer Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 Core CPU-ch Serial Ports,SVD Circuit-ch Analog Comparators(4位高级的、单片微计算机(含EOC6200中央处理器核芯,双通道串口,SVD电路,双通道模拟比较器)) Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 Core CPUB>2-ch Serial Ports,SVD CircuitB>2-ch Analog Comparators(4位高级的、单片微计算机(
|
Epson 爱普生(中国)有限公
|
73M2901-32IH 73M2901-32I3 73M2901-IG3 73M2901-IGT |
Advanced Single Chip Modem
|
TDK[TDK Electronics]
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
E0C623A |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit core CPU(4位高级的、单片微计算机(含EOC6200 4位CMOS 核芯微处理器
|
爱普生(中国)有限公
|
E0C6233 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200 CMOS 4-Bit core CPU(4位高级的、单片微计算机(含EOC6200 4位CMOS 核芯微处理器
|
爱普生(中国)有限公
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
HT6576A HT6576 6576A |
From old datasheet system ADVANCED SCSI CHIP
|
Holtek Semiconductor Inc
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|