PART |
Description |
Maker |
85013-3081 0850133081 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛) Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
85013-3093 0850133093 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ)Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭")Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛")Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
36509-0032 MM-B2500-R913 0365090032 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0365840002 365840002 36584-0002 |
2.54mm (0.100) Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8μm (30μ) Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8渭m (30渭") Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8楼矛m (30楼矛") Selective Gold (Au), 160 circuits
|
Molex Electronics Ltd.
|
0850032995 85003-2995 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 32 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25渭m (10渭") Selective Gold (Au), 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
85042-0189 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850420086 85042-0086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-6103 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 32 Circuits
|
Molex Electronics Ltd.
|
85042-3524 0850423524 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
|