PART |
Description |
Maker |
LA4400 |
LA4400 / 4.5W Typ
|
Sanyo Semiconductor
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
LA4400 |
LA4400
|
SANYO[Sanyo Semicon Device]
|
1SS302 |
Low forward voltage:VF(3) = 0.9 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ)
|
TY Semiconductor Co., Ltd
|
7 3X 6X 2X 4 5 4X 501104 501141 501177 501128 5011 |
Serially Interfaced, 8-Digit, LED Display Drivers SCHLAUCHSCHELLE VERZINKT TYP 3X 5ST Inhalt pro Packung: 5 Stk. NiCd/NiMH Battery Fast-Charge Controllers SCHLAUCHSCHELLE VERZINKT TYP 6 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 2X 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 4 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE VERZINKT TYP 5 5ST Inhalt pro Packung: 5 Stk. Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHLAUCHSCHELLE ROSTFREI TYP 000 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 00 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 0X 5ST Inhalt pro Packung: 5 Stk. SCHLAUCHSCHELLE ROSTFREI TYP 2 5ST Inhalt pro Packung: 5 Stk. Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits SCHLAUCHSCHELLE ROSTFREI典型AST Inhalt亲Packung沙头角
|
TE Connectivity, Ltd.
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
TLSU1002AT02 TLGU1002AT02 TLPGU1002AT02 EA09751 TL |
TOSHIBA LED lamp. Color amber. Peak emission wavelength(typ) @20mA 596 nm. Luminous intensity @20mA 8.5(min), 30(typ) mcd. TOSHIBA LED lamp. Color yellow. Peak emission wavelength(typ) @20mA 590 nm. Luminous intensity @20mA 8.5(min), 30(typ) mcd. LED LAMP PANEL CIRCUIT INDICATOR From old datasheet system TOSHIBA LED lamp. Color pure-green. Peak emission wavelength(typ) @20mA 562 nm. Luminous intensity @20mA 1.53(min), 6(typ) mcd. TOSHIBA LED lamp. Color green. Peak emission wavelength(typ) @20mA 574 nm. Luminous intensity @20mA 8.5(min), 30(typ) mcd.
|
TOSHIBA[Toshiba Semiconductor] Marktech Optoelectronics
|
LM78XX LM7824 |
3-terminal 1A positive voltage regulatir. Peak output current 1.8A(typ). Output voltage 24V(typ). LINEAR INTEGRATED CIRCUIT
|
Contek Microelectronics ETC[ETC] List of Unclassifed Manufacturers
|