Part Number Hot Search : 
SMB10 1001C SLTXX MAX41 A2CP2520 GSS1120 X7R1C MAX8660
Product Description
Full Text Search
  4.5w Datasheet PDF File

For 4.5w Found Datasheets File :: 618    Search Time::2.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ODD-45W ODD-95W

OptoDiode Corp
Part No. ODD-45W ODD-95W
OCR Text 45W .012 MAX GLASS ABOVE CAP TOP EDGE .111 95 W .095 95 W ISOL..098 .078 ODD-45W/95W ODD-95W .018 DIA. 3 PLCS. ON 100 DIA. PIN CIRCLE .215 .220 CATHODE .018 DIA. 3 PLCS. ON 200 DIA. PIN CIRCLE .357 .362 CATHODE .187...
Description HIGH-SENSITIVITY GaAlAs PHOTODIODE

File Size 294.55K  /  2 Page

View it Online

Download Datasheet





    MK04-1A66B-45W MK04-1A66B-45WDE

Meder Electronic
Part No. MK04-1A66B-45W MK04-1A66B-45WDE
OCR Text ... 2242669014 Artikel: MK04-1A66B-45W Magnetische Eigenschaften Anzug Prufmittel Bedingung bei 20 C Min Soll Max Einheit KMS-14+SA002+PK002 Produktspezifische Daten Kontakt - Form Schaltleistung Betriebsspannung Bet...
Description MK Reed Sensors
(deutsch) MK Reed Sensor

File Size 65.28K  /  1 Page

View it Online

Download Datasheet

    AS-4.5W-K ASL-1.5W-K ASL-D5W-K ASL-12W-K ASL-D4.5W-K AS-12W-K AS-18W-K ASL-18W-K ASL-D18W-K

Fujitsu Component Limited.
Part No. AS-4.5w-K ASL-1.5W-K ASL-D5W-K ASL-12W-K ASL-D4.5w-K AS-12W-K AS-18W-K ASL-18W-K ASL-D18W-K
OCR Text MINIATURE RELAY 2 POLES--1 to 2 A (FOR SIGNAL SWITCHING) AS SERIES s FEATURES q q q q q q q q Flat type relay for surface mounting Super small and light weight --Height: 6.5 mm --Weight: approximately 1.5 g UL, CSA recogniz...
Description MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)

File Size 125.39K  /  6 Page

View it Online

Download Datasheet

    NYP-4.5W-K NY-4.5W-K NY5W-K

FUJITSU Component., Ltd.
Fujitsu Component Limited.
Part No. NYP-4.5w-K NY-4.5w-K NY5W-K
OCR Text n ordering information ny p C 12 w C k [example] (a) (b) (*) (c) (d) (e) n features l ultra slim type with 5 mm thickness good for high density mounting l low power consumption and high sensitivity nomin...
Description POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.027A (COIL), 4.5VDC (COIL), 120mW (COIL), 3A (CONTACT), 30VDC (CONTACT), SOCKET MOUNT ROHS COMPLIANT
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.027A (COIL), 4.5VDC (COIL), 120mW (COIL), 3A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
Ultra slim type with 5 mm thickness, Low power consumption and high sensitivity

File Size 310.74K  /  7 Page

View it Online

Download Datasheet

    PSA4531 PSA4534 PSA4541 PSA45-120 PSA4525 PSA45-033 PSA45-150 PSA45-240 PSA45-050

Phihong USA Inc.
Part No. PSA4531 PSA4534 PSA4541 PSA45-120 PSA4525 PSA45-033 PSA45-150 PSA45-240 PSA45-050
OCR Text ...A PSA4541 (1) Measured at 45W by using a 12in. twisted pair terminated with a 10mfd capacitor and a 0.1mfd ceramic in parallel. (2) See reverse for exact tolerances; may deviate during peak loading conditions. (3) Peak output of less ...
Description One to Four Output 3x5 Power Supplies

File Size 131.16K  /  2 Page

View it Online

Download Datasheet

    NPT1015 NPT1015-15

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solution...
M/A-COM Technology Solu...
Part No. NPT1015 NPT1015-15
OCR Text ...con technology dc - 3.5 ghz 45w gan hemt s ym b ol p a r am e t e r min t y p m a x u n i t s g ss sm al l - sig nal g ain - 13.5 - db p sat s a t u r a t e d o u tp ut p o w e r - 47.3 - d bm ...
Description Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT

File Size 2,227.52K  /  10 Page

View it Online

Download Datasheet

    MGDS-75 MGDS-75-H-BS MGDS-75-H-BT MGDS-75-H-CS MGDS-75-H-CT MGDS-75-H-ES MGDS-75-H-ET MGDS-75-H-FS MGDS-75-H-FT MGDS-75-

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
ETC
Part No. MGDS-75 MGDS-75-H-BS MGDS-75-H-BT MGDS-75-H-CS MGDS-75-H-CT MGDS-75-H-ES MGDS-75-H-ET MGDS-75-H-FS MGDS-75-H-FT MGDS-75-H-IS MGDS-75-H-IT MGDS-75-H-JS MGDM-75 MGDS-75-O-BS MGDS-75-O-BT MGDS-75-O-CS MGDS-75-O-CT MGDS-75-O-ES MGDS-75-O-ET MGDS-75-O-FS MGDS-75-O-FT MGDS-75-O-IS MGDS-75-O-IT MGDS-75-O-JS MGDS-75-O-JT MGDS-75-H-JT
OCR Text ...0 15 20 25 30 35 40 45 15W 30W 45W 60W 75W Input voltage Vin (Vdc) Input voltage Vin (Vdc) Typical efficiency MGDS75HE at 25C 88% 86% 84% 82% 80% 78% 76% 74% 72% 70% 68% 5 10 15 20 25 30 35 40 45 15W 30W 45W 60W 75W Typical e...
Description GPS SAW Filter
Hi-Rel DC/DC CONVERTER 75W POWER

File Size 615.29K  /  17 Page

View it Online

Download Datasheet

    STP4NK50ZD STD4NK50ZD STF4NK50ZD STD4NK50ZD-1

STMicroelectronics
Part No. STP4NK50ZD STD4NK50ZD STF4NK50ZD STD4NK50ZD-1
OCR Text ...ID 3A 3A 3A 3A Pw 1 3 45W 45W 20W 45W TO-220 3 1 2 DPAK 100% avalanche tested Extremely high dv/dt capability Gate charge minimized Very low intrinsic capacitances Very good manufacturing repeability 1 3 2 1 3 2 IPAK ...
Description N-channel 500V - 2.4Ω - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH Power MOSFET
N-channel 500V - 2.4ヘ - 3A - TO-220 - TO-220FP- DPAK - IPAK Fast diode SuperMESH⑩ Power MOSFET

File Size 863.77K  /  17 Page

View it Online

Download Datasheet

    SPU45-100 SPU45-101 SPU45-102 SPU45-103 SPU45-104 SPU45-105 SPU45-106 SPU45-107 SPU45-108 SPU45-109 SPU45-110 SPU45-111

Volgen Kaga Electronics Inc.
MPS Industries, Inc.
Part No. SPU45-100 SPU45-101 SPU45-102 SPU45-103 SPU45-104 SPU45-105 SPU45-106 SPU45-107 SPU45-108 SPU45-109 SPU45-110 SPU45-111 SPU45-210 SPU45-215 SPU45-216 SPU45-304 SPU45-305 SPU45-303 SPU45-200 SPU45-201 SPU45-202 SPU45-203 SPU45-204 SPU45-209 SPU45100 SPU45102 SPU45104 SPU45108 SPU45109 SPU45111 SPU45101 SPU45105 SPU45106 SPU45107 SPU45110
OCR Text ...m Output Power 24W 40W 40W 42W 45W 45W 45W 50W 50W 50W 50W 50W Output Voltage And Current Rating Chart ( Multi Output ) : Model Number SPU45-200 SPU45-201 SPU45-202 SPU45-203 SPU45-204 SPU45-209 SPU45-210 SPU45-215 SPU45-216 SPU45-300...
Description 50W Desk Top Switching Power Supplies For I.T.E.
SPU45 SERIES

File Size 406.37K  /  2 Page

View it Online

Download Datasheet

    LEONE
Part No. LJ5-DC12V-S-H-A
OCR Text ...: a:1 form a coil power:- h:- 0.45w, d:- 0.2w j features dimension l * w * h (mm) 18.4 * 10.2 * 15.3 terminal type pcb weight 6 gm approximately contact data contact form 1a contact material ag alloy contact capacity 5a @250vac / 5a @30vdc ...
Description INDUSTRIAL RELAY

File Size 88.01K  /  1 Page

View it Online

Download Datasheet

For 4.5w Found Datasheets File :: 618    Search Time::2.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 4.5w

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.81311798095703