PART |
Description |
Maker |
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
KM416C1204CJ-L5 KM416V1004CJ-L5 KM416C1004CJ-L45 K |
5V, 1M x 16 bit CMOS DRAM with extended data out, 50ns 3.3V, 1M x 16 bit CMOS DRAM with extended data out, 50ns 5V, 1M x 16 bit CMOS DRAM with extended data out, 45ns 5V, 1M x 16 bit CMOS DRAM with extended data out, 60ns
|
Samsung Electronic
|
AS4C14400-70JC AS4C14405-60JC AS4C14405-50TC AS4C1 |
1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 70ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 60ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 50ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 70ns 1M-bit 4 CMOS DRAM EDO, single 5V power supply, 40ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 60ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 50ns 1M-bit 4 CMOS DRAM fast page mode, single 5V power supply, 40ns
|
Alliance Semiconductor
|
MB81V16160A-60 MB81V16160A-60L |
CMOS 1 M ×16 BIT
Fast Page Mode DRAM(CMOS 1 M ×16位快速页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V4100C-60 MB81V4100C-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1 位快速页面存取模式动态RAM)
|
Fujitsu Limited
|
HYB3165805ATL-60 HYB3165805ATL-50 HYB3165805ATL-40 |
4M x 16 Bit 4k EDO DRAM Low Power 8M x 8 Bit 4k EDO DRAM 8M x 8 Bit 8k EDO DRAM 8M x 8-Bit Dynamic RAM (4k & 8k Refresh, EDO-Version) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
AS4C14400-50TC AS4C14400-50JC |
1M-bit 4 CMOS DRAM (Fast page mode or EDO) 1M X 4 FAST PAGE DRAM, 50 ns, PDSO20 1M-bit ??4 CMOS DRAM (Fast page mode or EDO)
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
MB81C4256-10 |
CMOS 1M-Bit DRAM
|
ETC
|
HYB314175BJ-50- HYB314175BJL-50 HYB314175BJ-60 HYB |
High-Speed Fully-Differential Amplifiers 8-MSOP-PowerPAD -40 to 85 3.3V56亩16位江户的DRAM 3.3V56亩16位江户与DRAM的低功率版本自刷 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh 3.3V 256 K x 16-Bit EDO-DRAM(3.3V 256K×16外延式数据输出(EDO)动态RAM)
|
http:// SIEMENS AG
|
HYM536220A |
2M x 36-Bit CMOS DRAM Module
|
Hyundai
|