PART |
Description |
Maker |
ST7263BK2B1 ST72F63BK4M1 ST72P63BK4M1 ST72F63BK1B1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C 低速USB 8位微控制器闪 ROM家庭,高12字节RAM位ADC,水分散粒剂,定时器,SCI LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I?C LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMicroelectronics N.V. 意法半导
|
C8051F852-C-GU C8051F860-C-GS |
Low-Cost 8-bit MCU Family with up to 8 kB of Flash
|
Silicon Laboratories
|
W25Q80BVSSIG W25Q80BVSNIG W25Q80BVUXIG W25Q80BVZPI |
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
|
Winbond
|
ST92F120 ST92F120JR1T ST92F120JR6T ST92F120JR9T ST |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
C8051F327 C8051F326 |
Full Speed USB, 16 kB Flash MCU Family (C8051F326 / C8051F327) Full Speed USB / 16k ISP FLASH MCU Family
|
ETC Silicon Laboratories
|
ST7263BK6 ST72F63BK6M1 ST7263BH6 ST7263BE6 ST72F63 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 32K FLASH/ROM, DFU CAPABILITY, 8-BIT ADC, WDG, TIMER, SCI and I2C
|
ST Microelectronics
|
ST7263BK2B1/GEN ST7263BK4 ST72P63BK2B1 ST72P63BK4B |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
C8051F010 C8051F001 |
(C8051F010 - C8051F017) Mixed-Signal 32KB ISP FLASH MCU Family (C8051F000 - C8051F007) Mixed-Signal 32KB ISP FLASH MCU Family
|
Cygnal
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|