PART |
Description |
Maker |
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
PCA3353CH PCA3351C PCA3351CP PCA3352C PCA3352CT PC |
MICROCONTROLLER|8-BIT|8048 CPU|CMOS|QFP|32PIN|PLASTIC 8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
|
NXP Semiconductors
|
PCD3359A PCD3359AH PCD3359AP PCD3359AT |
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
|
PHILIPS[Philips Semiconductors]
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP P87LPC778; CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
|
NXP Semiconductors Philips
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
W541E261 W541C261 |
4BIT MICROCONTROLLER, 2K ×16 ROM, 128 ×4 RAM 128 -DOT LCD 4BIT MICROCONTROLLER, 2K 】16 ROM, 128 】4 RAM 128 -DOT LCD
|
Winbond
|
IDT72V8981 IDT72V8981DB IDT72V8981J IDT72V8981J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
IDT72V8988 IDT72V8988DB IDT72V8988J IDT72V8988J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
|