PART |
Description |
Maker |
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
HM7719007LTTR HM7729007LTTR HM77-33010ALF HM77-340 |
Low Profile Surface Mount Inductors 1 ELEMENT, 77 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 114 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 1 ELEMENT, 115 uH, GENERAL PURPOSE INDUCTOR, SMD Low Profile Surface Mount Inductors 超薄表面贴装电感 Low Profile Surface Mount Inductors 1 ELEMENT, 1.01 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
EPI821101WS1414 EPI390451WS1414 EPI221211WS1414 EP |
Surface Mount Power Inductor 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD
|
PCA ELECTRONICS INC. http://
|
165-05A06L 164-03A06L 165-01A06L 165-06A06L 164-11 |
5 mm Tunable Inductor Unshielded Surface Mount Inductors UNSHIELDED, 26 uH - 34 uH, VARIABLE INDUCTOR Unshielded Surface Mount Inductors SHIELDED, 21 uH - 25 uH, VARIABLE INDUCTOR Unshielded Surface Mount Inductors UNSHIELDED, 54 uH - 78 uH, VARIABLE INDUCTOR
|
Coilcraft lnc. Coilcraft, Inc.
|
RL181S-103J-RC RL181S-183J-RC RL181S-563J-RC RL181 |
INDUCTOR FIXED 10000UH 5% RADIAL 1 ELEMENT, 10000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR INDUCTOR FIXED 18000UH 5% RADIAL 1 ELEMENT, 18000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 56000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR INDUCTOR FIXED 33000UH 5% RADIAL 1 ELEMENT, 33000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 82000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
RL187-561J-RC RL187-183J-RC RL187-332J-RC |
INDUCTOR FIXED 560UH 5% RADIAL 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR INDUCTOR FIXED 18000UH 5% RADIAL 1 ELEMENT, 18000 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PM2120-1R2M-RC PM2120-3R3M-RC PM2120-3R9M-RC PM212 |
Toroidal Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.9uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:15.6A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:18uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:11.8A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
S555-3855-00 |
SURFACE MOUNT INDUCTOR
|
BEL[Bel Fuse Inc.]
|
|