PART |
Description |
Maker |
ADSP-2184LBST-160 |
DSP Microcomputer LM2941/LM2941C 1A Low Dropout Adjustable Regulator; Package: TO-220; No of Pins: 5; Qty per Container: 45; Container: Rail
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADSP-218XNSERIES ADSP-2184NBCA-320 ADSP-2184NKCA-3 |
LM2941/LM2941C 1A Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail RESISTOR, FILM, CHIP (CHIP SIZE: 0805) DSP Microcomputer 24-BIT, 40 MHz, OTHER DSP, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 24-BIT, 40 MHz, OTHER DSP, PQFP100
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
APL5912 APL5912-KAC-TU APL5912-KAC-TR APL5912-KAC- |
Low IQ, Low Dropout 900mA Fixed Voltage Regulator 0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
|
Anpec Electronics Coropration
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|