PART |
Description |
Maker |
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
ISL83485 ISL83485IB ISL83485IP ISL83483 ISL83488 I |
N-CHANNEL SILICON JUNCTION FET SOT23 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 3.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers There is no valid match for the device number entered.
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SP3483 SP3483CN SP3483CP SP3483EN SP3483EP |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ISL848706 ISL81487IBZ ISL81487IPZ ISL81483IBZ ISL8 |
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5V, Half Duplex, 5Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 5V, Half Duplex, 250kbps Slew Rate Limited, 1/4 Unit Load, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(1/8 单位负载5V、小功率、高速或带有限斜率功能的RS-485/RS-422收发
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL83483IBZ ISL8348304 ISL83485IBZ ISL83488IBZ ISL |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(3.3V, 低功 高速或带有限斜率功能的RS-485/RS-422收发 3.3,低功耗,高速或摆率限制,RS-485/RS-422收发器(3.3V,低功率,高速或带有限斜率功能的的RS-485/RS-422收发器) 3.3V, Half Duplex, 10Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 3.3V, Full Duplex, 250kbps Slew Rate Limited, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ADM488AR-REEL ADM488AR-REEL7 ADM488ANZ |
Low Power, Slew Rate Limited RS-485; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 Low Power, Slew Rate Limited RS-485 LINE TRANSCEIVER, PDSO8 Low Power, Slew Rate Limited RS-485; Package: PDIP; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDIP8
|
Analog Devices, Inc.
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM483EAR-REEL ADM483EARZ ADM483EARZ-REEL ADM483EA |
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver 15,-15 kV ESD Protected, Slew Rate
|
Analog Devices
|
STC3485E STC3485EEPA STC3485EESA |
3.3V-Powered, ±15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers 3.3V-Powered, 卤15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
|
List of Unclassifed Manufacturers ETC
|
MAX485 |
Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim
|
BL3085B |
High ESD-Protected, Fail-Safe, Slew-Rate-Limited
|
SHANGHAI BELLING CO., L...
|
KKX485 KKX485D KKX485N |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
|
KODENSHI KOREA CORP.
|
|