PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST72F321J9TAS ST72F321J9TCS ST72F321J9TCXS ST72F32 |
8-bit MCU for automotive with 60 Kbyte Flash, 10-bit ADC, timers, SPI, SCI and I2C interfaces
|
ST Microelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
ST72215GX-AUTO ST72216GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC563M64L7COAR SPC563M64L7COAY SPC563M64L7COBR SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC560B54L3C6E0X SPC560B60L3C6E0X SPC560B60L3C6E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
SPC560P40L1 SPC560P40L1BEAAR SPC560P40L1BEAAY SPC5 |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AF62A6 STM8AF62A6UCY STM8AF62A8 STM8AF62A8TCX |
Automotive LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AFHP5169 STM8AFP5269 STM8AFHP5198 STM8AFHP5189 |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
UAA1041 |
8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
|
STM8AF6213 STM8AF6226 STM8AF6223A |
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
|
STMicroelectronics
|
|