PART |
Description |
Maker |
NCV4269PDR2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
NCV4279A50D2R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
NCV4279CD1R2 |
5.0 V micropower 150 mA LDO linear regulator with DELAY, adjuistable RESET and monitor FLAG.
|
ON Semiconductor
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
NCV4269APD50R2G NCV4269APD50G NCV4269AD250G |
Micropower 150 mA LDO Linear Regulator
|
ON Semiconductor
|
NCV4269 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output(带有延迟,可调复位和检测输出功能的5.0V,微功率150mA LDO线性稳压器) 5.0V的微一百五十毫安LDO线性稳压器的延迟,可调复位和检测输出(带有延迟,可调复位和检测输出功能的5.0V50mA的微功率LDO的线性稳压器
|
ON Semiconductor
|
NCP3985SN275T1G NCP3985SN18T1G NCP3985SN28T1G NCP3 |
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
http:// ON Semiconductor
|
AAT3237IGU-3.3-T1 MAX8556ETE/V MAX855609 |
300mA MicroPower LDO with PowerOK 4A Ultra-Low-Input-Voltage LDO Regulators
|
Advanced Analogic Technologies, Inc. Maxim Integrated Products
|
NCV8503PWADJ NCV8503PWADJR2 NCV8503 NCV8503PW25 NC |
Micropower 400mA LDO Linear Regulators with ENABLE, DELAY, Adjustable /RESET, and General Use Comparator From old datasheet system Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 3.3 V FIXED POSITIVE LDO REGULATOR, PDSO16
|
ONSEMI[ON Semiconductor] 可调正电压单路输出LDO稳压
|
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
NCV8768ABD250R2G |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 LEAD FREE, SOIC-14 Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
|
ON Semiconductor
|
FAN2512S25X FAN2513S25X FAN2513S26X FAN2513S27X FA |
Low-dropout Voltage Regulator 150 mA CMOS LDO Regulators with Fast Start Enable 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5 150 mA CMOS LDO Regulators with Fast Start Enable 2.5 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|