PART |
Description |
Maker |
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
AN654 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 New RS-232 ICs Feature 1A Supply Current, 15kV ESD Protection, and 3V Operation New RS-232 ICs Feature 1A Supply Current/ 15kV ESD Protection/ and 3V Operation New RS-232 ICs Feature 1uA Supply Current, 15kV ESD Protection, and 3V Operation
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
CPDF3V3UP-HF |
Halogen Free ESD Diodes, V-C=5.5V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
CSPEMI307AG CSPEMI307A |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
5962-9553401HYC 5962-9553401HYA 5962-9553401HXC |
±15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches DC-to-DC Voltage Converter 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
ISL8483E05 ISL8483ECPZ ISL8485ECBZ ISL8485ECBZ-T I |
ESD Protected to 隆戮15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to 【15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ESD Protected to ±15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD防护, 5V, 低功 高速或带有限斜率功能的RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
5962-9221804MSX 5962-9221806MSX 5962-9221806M2X 59 |
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Octal D-Type Flip-Flop ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 八路D类触发器
|
Electronic Theatre Controls, Inc. Littelfuse, Inc.
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|