PART |
Description |
Maker |
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
BTA208-800 BTA208-800E BTA208-800B BTA208-800F BTA |
TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS HIGH COMMUTATION Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTA212-600B BTA212-600C BTA212-600D BTA212-600E BT |
Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS GUARANTEED COMMUTATION THREE QUADRANT TRIACS HIGH COMMUTATION
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BTB16-600BW |
Three quadrant triacs
|
HAOPIN
|
BTA16-600BW3G BTA16-800BW3G BTA16-600BW3 |
Triac, 3 Quadrant Internally Isolated, 50 mA I-GT, 16 A I-T(RMS) Triacs Silicon Bidirectional Thyristors 600V 16 A, 50mA Igt 3 Quadrant Internally Isolated Triac
|
ON Semiconductor
|
BTA208S-800B BTA208S-600B |
Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA312X-600B BTA312X-800B BTA312X BTA312X-600C |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V. NXP[NXP Semiconductors]
|
BTA225800B.127 |
Three quadrant triacs Product specification
|
NXP Semiconductors
|
BTA208X-1000C |
Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|