PART |
Description |
Maker |
JQC-4BS15DC6V1.6 JQC-4BS15DC6V1.9 JQC-4AS15DC6V1.6 |
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
|
http:// DBLECTRO[DB Lectro Inc]
|
JQC-407 JQC-4CCS15 JQC-4CBS15 JQC-4CAS15 JQC-4CAS3 |
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
|
http:// DB Lectro Inc
|
NT90THLASAC12VCB0.6 NT90THLASAC12VCB0.9 NT90TNLASA |
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
|
http:// DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
NV23K-C NV23K-A |
Heavy contact load switching current up to 30A Heavy contact load switching current up to 30A.
|
HuaXinAn Electronics CO...
|
REL-F104 |
KAMMRELAIS ?, contact F 104, size 2, heavy-duty contact, 2 PDTs, input voltage 24 V DC
|
PHOENIX CONTACT
|
FTR-K3FAB024W FTR-K3FAB005W FTR-K3FAB006W FTR-K3FA |
POWER RELAY 1 POLE - 25A Heavy Load Control
|
Fujitsu Component Limited.
|
BL2450K08054T |
Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
|
Frontier Electronics.
|
QL901M-6PS680 QL901M-6PS680C QL901M-6PS680I |
QuickMIPS ESP Family QuickMIPS ESP家庭 Electrical Spring Connector; Contact Termination:Twist On; Wire Size (AWG):14-10; Body Material:Flame retardant nylon; Contact Material:Spring Steel; Pack Quantity:100; Series:512; Size:2-#18 up to 5-#12; Voltage Rating:600V RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MT3370BS1 MT3370/BN1 |
Wide Dynamic Range DTMF Receiver SWITCH, SPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes
|
Zarlink Semiconductor Inc.
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
NCP434 |
2A Ultra-Small Controlled Load Switch with
|
ON Semiconductor
|
NCP336FCT2G |
3 A Ultra-Small Controlled Load Switch
|
ON Semiconductor
|