PART |
Description |
Maker |
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT49F008A AT49F008A-90TI AT49F8192AT-90TC AT49F819 |
x8/x16 Flash EEPROM x8 Flash EEPROM From old datasheet system 8M bit, 5-Volt Read and 5-Volt Byte-Write Flash
|
Atmel Corp
|
AT49F1614 AT49F1604T-70CI AT49F1604T-70CC |
x16 Flash EEPROM IC,EEPROM,NOR FLASH,1MX16/2MX8,CMOS,BGA,48PIN,PLASTIC
|
Atmel
|
ST7FLITE02Y0B6 ST7PLITE02Y0B6 ST7FLITE02Y0M6 ST7PL |
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP16 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, QCC20 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
|
STMicroelectronics http://
|
W49F102Q-45 W49F102P-45 |
EEPROM|FLASH|64KX16|CMOS|TSSOP|40PIN|PLASTIC EEPROM|FLASH|64KX16|CMOS|LDCC|44PIN|PLASTIC 64K X 16 FLASH 5V PROM, 45 ns, PDSO40
|
WINBOND ELECTRONICS CORP
|
1N5441C 1N5450C 1N5442B 1N5443C 1N5456C 1N5454B 1N |
Diode VAR Cap Single 30V 6.8pF 2-Pin DO-7 Diode VAR Cap Single 30V 33pF 2-Pin DO-7 Diode VAR Cap Single 30V 8.2pF 2-Pin DO-7 Diode VAR Cap Single 30V 10pF 2-Pin DO-7 Diode VAR Cap Single 30V 100pF 2-Pin DO-7 Diode VAR Cap Single 30V 68pF 2-Pin DO-7 Diode VAR Cap Single 30V 22pF 2-Pin DO-7
|
New Jersey Semiconductors
|
MX29F1610 MX29F1610A MX29F1610A-10 MX29F1610A-12 M |
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
|
MCNIX[Macronix International]
|
MX29F1615 |
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
|
MCNIX[Macronix International]
|
SST28VF040A-90-4C-PH SST28SF040A-90-4C-PH SST28SF0 |
4 Mbit (512K x8) SuperFlash EEPROM(4 M(512K x8)超级闪存存储 RESISTOR 62 OHM .5W CARB COMP 4 Mbit (512K x8) SuperFlash EEPROM 4兆位(为512k × 8)超快闪EEPROM 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PQCC32 4 Mbit (512K x8) SuperFlash EEPROM 512K X 8 FLASH 2.7V PROM, 200 ns, PDSO32 (SST28xF040A) 4 Mbit (512K x8) SuperFlash EEPROM
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
E28F004BX-T70 PA28F400BX-T70 E28F004BX-B70 TE28F00 |
x8 Flash EEPROM x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Intel, Corp.
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|