PART |
Description |
Maker |
G6K G6KU-2P-Y G6K-2F-Y G6K-2G G6K-2G-Y G6K-2P G6K- |
Surface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 表面安装继电器与世界上最小的安装面积的仅.2 mm高度
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
E39-L72 E39-L71 E39-L61 E39-L54 E39-E8 E39-R3 E39- |
Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
|
Omron Electronics LLC
|
F1C57 F1C5XX F1C2XX0 |
Surface Mounting Devices
|
Origin Electric
|
NCP21WB333 NCP21WB473 NCP21WF104 NCP21XM221 NCP21X |
for Surface Mounting Application
|
Murata Manufacturing Co... MURATA[Murata Manufacturing Co., Ltd.]
|
LNJ03004GND1 |
Surface Mounting Chip LED
|
Panasonic Semiconductor
|
D78C |
Fixed Inductors for Surface Mounting
|
TOKO Inc.
|
FDV0530-1R0M FDV0530-1R5M FDV0530-2R2M FDV0530-3R3 |
Fixed Inductors for Surface Mounting
|
TOKO, Inc
|
D10FS A926AY-100M A926AY-101K A926AY-102K A926AY-1 |
Fixed Inductors for Surface Mounting
|
http:// TOKO[TOKO, Inc]
|
LNJ208R8ARA08 |
Surface Mounting Chip LED
|
Panasonic Semiconductor
|
SPC7030 SPC7030-100M SPC7030-101M SPC7030-120M SPC |
Fixed Inductor for Surface Mounting
|
List of Unclassifed Manufacturers ETC
|
919AS-330M 919AS-160M D104C 919AS-2R8M 919AS-3R7M |
Fixed Inductors for Surface Mounting
|
TOKO Inc.
|