PART |
Description |
Maker |
THS130 |
HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY MOTOR CONTROL DIGITAL TACHOMETER
|
TOSHIBA
|
AD644L AD644 AD644J AD644K AD644S |
Dual High Speed, Implanted BiFET Op Amp
|
Analog Devices
|
T63H0008A-DX T63H0008A-AX T63H0008A-BX |
Li-Ion/Polymer Battery for one-cell Protector Li-Ion/Polymer电池单细胞保
|
TM Technology, Inc.
|
ADP3820 ADP3820AR-41 ADP3820AR-42 ADP3820ART-41 AD |
20V; lithium-ion battery changer. For Li-Ion battery chargers, desktop computers, hand-held instruments Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Lithium-Ion Battery Charger ±1% Precision, Single Cell Li-Ion Battery Charger
|
Analog Devices, Inc. AD[Analog Devices]
|
MCP73827 MCP73828 |
The MCP73827 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monito The MCP73828 is a battery charger controller for single cell Lithium-Ion (Li-Ion) batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include, over-current foldback, charge
|
Microchip
|
TPC8102 |
Field Effect Transistor Silicon P Channel MOS Type (pi-MOSVI) Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications
|
TOSHIBA
|
LTC4095 LTC4095EDC LTC4095EDCTRMPBF LTC4095-15 |
Standalone USB Li-Ion/Polymer Battery Charger Standalone USB Li-Ion/Polymer Battery Charger in 2mm 】 2mm DFN Standalone USB Li-Ion/Polymer Battery Charger in 2mm × 2mm DFN Standalone USB Li-Ion/Polymer Battery Charger in 2mm x 2mm DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
TPC8206 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII) Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor Toshiba Corporation
|
ADP3333 ADP3333ARM-15 ADP3333ARM-18 ADP3333ARM-25 |
0.3-16V; high accuracy ultralow Iq, 300mA, anyCAP low dropout regulator. For cellular phones, PCMCIA cards, personal digital assistants (PDAs), DSP/ASIC supplies High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator Li-Ion and Li-Pol Battery Gas Gauge IC for Portable Applications (bqJUNIOR) 10-VSON -20 to 70 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC with I2C Interface 10-VSON -20 to 70 Li-Ion AND Li-Pol Battery Gas Gauge IC for Portable Applications (bqJUNIOR) 10-VSON 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC with I<sup>2</sup>C Interface 10-VSON -20 to 70 高精度超低智商,300毫安,anyCAP低压差稳压器 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC 10-VSON -20 to 70 高精度超低智商,300毫安,anyCAP低压差稳压器 High Accuracy Ultralow IQ, 300 mA, anyCAPLow Dropout Regulator
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
TPCS8211 |
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII) Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|