PART |
Description |
Maker |
PCA9546ABS PCA9546AD PCA9546A |
4-channel I2C-bus switch with reset
|
NXP Semiconductors
|
PCA9543A PCA9543AD PCA9543APW |
2-channel I2C-bus switch with interrupt logic and reset
|
NXP Semiconductors
|
PCA9846PW |
4-channel ultra-low voltage, Fm I2C-bus switch with reset
|
NXP Semiconductors
|
PCA9549D |
Octal bus switch with individually I2C-bus controlled enables
|
NXP Semiconductors
|
M52795SP |
AV SWITCH WITH I2C BUS CONTROL
|
Renesas Electronics Corporation
|
TDA1566TH TDA1566J TDA1566-15 |
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
|
NXP Semiconductors
|
CXA7002R |
I2C BUS Controlled Audio/Video Switch
|
Sony Corporation
|
CXA1855Q CXA1855S |
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
|
SONY[Sony Corporation]
|
MM1492 MM1492AF |
I2C BUS Controlled 5-Input 2-Output AV Switch
|
Mitsumi Electronics, Corp. ETC MITSUMI ELECTRIC
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
CXA2078Q |
I2C Bus-Compatible Audio/Video Switch with Electronic Volume
|
SONY[Sony Corporation]
|